PART |
Description |
Maker |
PBG |
Dual Linear Bar Graph, Two Separate Bar Graphs, Continuous but Precisely Controlled Bar Length
|
Vishay
|
CMLD6263DO |
SMD Schottky Diode Dual: High Voltage: Opposing Polarity SURFACE MOUNT PICOmini DUAL OPPOSING HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
BA-8Y6UW BA-2D2UW BA-2E2UW BA-2G2UW BA-2H2UW BA-2R |
LED LIGHT BAR & BAR GRAPH ARRAYS ENCLOSURE, CLEAR DOORENCLOSURE, CLEAR DOOR; Length / Height, external:185mm; Width, external:213mm; Depth, external:118mm; Material:Polycarbonate; Colour:Light Grey; Flammability rating:UL94-5V; IP rating:IP 65; RAL number:7035; LED LIGHT BAR & BAR GRAPH ARRAYS 发光二极管光
|
?╁??′唤?????? YSTONE[Yellow Stone Corp] 早安股份有限公司 Yellow Stone, Corp.
|
SB3H90 SB3H100 |
High Voltage Schottky Rectifier, Forward Current 3.0A, Reverse Voltage 90V High Voltage Schottky Rectifier, Forward Current 3.0A, Reverse Voltage 100V
|
VISAY[Vishay Siliconix]
|
SB3H100-E3_54 SB3H100-E3_73 SB3H90 SB3H9008 SB3H10 |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
SB5H100-E3_54 SB5H100-E3_73 SB5H100-E3/54 SB5H100H |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|
APT15S20BCT ABT15S20BCT APT15S20BCTG |
MOSFET HIGH VOLTAGE SCHOTTKY DIODE Schottky Center Tap RECTIFIER; Package: TO-247 [B]; VR (V): 200; IO (A): 15; VF (V): 0.8; trr (nsec): 20; Qrr (nC): 440;
|
Advanced Power Technology Ltd. MICROSEMI POWER PRODUCTS GROUP
|
MBRB1090 MBRB10100 MBRF10100 MBR1090 MBRF1090 MBR1 |
High Voltage Schottky Rectifiers Reverse Voltage 90 to 100V Forward Current 10A
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
280109-07 280108-06 ABG-12205 |
Plasma Panel Bar Graph Modules Dual Linear Bar Graph with Drive Electronics Interface and DC/DC Converter
|
Vishay Siliconix http://
|
A-2304X A-1804X A-1804E A-2304E A-1804SR A-1804Y |
Light bar yellow Light bar hi.effi red Light bar super red
|
List of Unclassifed Manufacturers PARA Light ETC[ETC] Electronic Theatre Controls, Inc.
|
B1100 B1X-13-F B190B-13-F B190-13 B170B-13 B170B-1 |
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 63V 30A-Ifsm 0.79Vf 0.5A-IR SMB 5K/REEL 1 A, 90 V, SILICON, SIGNAL DIODE RECTIFIER SCHOTTKY SINGLE 1A 70V 30A-Ifsm 0.79Vf 0.5A-IR SMB 5K/REEL 1 A, 100 V, SILICON, SIGNAL DIODE 1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
|
Diodes Incorporated Diodes, Inc.
|